PART |
Description |
Maker |
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
TLP3507 |
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY From old datasheet system TRIAC-DRIVER-OUTPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,DIP
|
TOSHIBA[Toshiba Semiconductor] Toshiba.
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MOC3051M |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
IS223 IS220 IS221 IS222 |
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc. ISOCOM COMPONENTS LTD
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
54HHSC125FD 54HHSC165LD 54HSC74LC 54HST574LC 54QHS |
HSC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDFP14 HSC SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, CQCC20 HSC SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CQCC20 HST/T SERIES, 8-BIT DRIVER, TRUE OUTPUT, CQCC20 HSC SERIES, 8-BIT IDENTITY COMPARATOR, INVERTED OUTPUT, CDFP20 HST/T SERIES, 8-BIT ENCODER, CDIP16 HST/T SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC HSC SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, UUC HST/T SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP24 HST/T SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDFP24 HST/T SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CQCC20 HST/T SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDFP14 HST/T SERIES, QUAD 2-INPUT AND GATE, UUC HSC SERIES, 8-BIT DRIVER, TRUE OUTPUT, CQCC20 HSC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CQCC20
|
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|
BTB16 BTA16 |
Triac Series
|
Continental Device India Limited Continental Device Indi...
|
|